Part Number Hot Search : 
N82035M AMS431A TLE625 15100450 40J4K5E MT8979AP 30150 1N4747
Product Description
Full Text Search
 

To Download 2SK3556-01S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3556-01L,S,SJ
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Outline Drawings
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
P4
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Symbol VDS VDSX *5 ID ID(puls] VGS IAR *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg Ratings 250 220 25 100 30 25 372 20 5 2.02 135 +150 -55 to +150 Unit V V A A V A mJ kV/s kV/s W C C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
< < < < *1 L=0.67mH, Vcc=48V *2 Tch=150C *3 IF=-ID, -di/dt=50A/s, Vcc=BVDSS, Tch=150C *4 VDS<250V *5 VGS=-30V *6 t=60sec f=60Hz =
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID=250A VGS=0V ID= 250A VDS=VGS VDS=250V VDS=200V VGS=30V ID=12.5A ID=12.5A VDS=75V VGS=0V f=1MHz VGS=0V VGS=0V VDS=0V VGS=10V VDS=25V 8 Tch=25C Tch=125C 10 75 16 2000 220 15 20 30 60 20 44 14 16 25 1.10 0.45 1.5 1.65
Min.
250 3.0
Typ.
Max.
5.0 25 250 100 100 3000 330 30 30 45 90 30 66 21 24
Units
V V A nA m S pF
VCC=72V ID=12.5A VGS=10V RGS=10 VCC=72V ID=12A VGS=10V L=100H Tch=25C IF=25A VGS=0V Tch=25C IF=25A VGS=0V -di/dt=100A/s Tch=25C
ns
nC
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.926 62.0
Units
C/W C/W
1
2SK3556-01L,S,SJ
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
Typical Output Characteristics
100
200 175
ID=f(VDS):80s Pulse test,Tch=25C
20V
80 150 125
10V 8V 7.5V
PD [W]
ID [A]
60
7.0V
100 75 50
40
6.5V
20 25
6.0V
VGS=5.5V
0 0 25 50 75 100 125 150
0 0 2 4 6 8 10 12
Tc [C]
VDS [V]
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
100 100
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
10
ID[A]
10
1
gfs [S]
1 0.1 0 1 2 3 4 5 6 7 8 9 10 0.1 0.1 1 10 100
VGS[V]
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
0.25
VGS= 5.5V
270 240
6.0V 6.5V 7.0V
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=12.5A,VGS=10V
0.20
210
RDS(on) [ m ]
RDS(on) [ ]
7.5V
180 150
max.
0.15
8V 10V 20V
120 90
typ.
0.10
0.05
60 30
0.00 0 20 40 60 80 100
0 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3556-01L,S,SJ
FUJI POWER MOSFET
7.0 6.5 6.0 5.5
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
14 12
max.
Typical Gate Charge Characteristics
VGS=f(Qg):ID=25A, Tch=25C
VGS(th) [V]
5.0 4.5
Vcc= 36V
10
96V
72V
VGS [V]
75 100 125 150
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50
min.
8 6 4 2 0 0 10 20 30 40 50 60
Tch [C]
Qg [nC]
10
1
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100
Ciss
10
0
10
C [nF]
Coss
10
-1
IF [A]
1 0.1 0.00
Crss
10
-2
10
-1
10
0
10
1
10
2
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VDS [V]
VSD [V]
Typical Switching Characteristics vs. ID
10
3
t=f(ID):Vcc=72V, VGS=10V, RG=10
tf
10
2
td(off)
t [ns]
tr td(on)
10
1
10
0
10
-1
10
0
10
1
10
2
ID [A]
3
2SK3556-01L,S,SJ
Transient Thermal Impedance Zth(ch-c)=f(t):D=0
FUJI POWER MOSFET
10
1
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Maximum Avalanche Current Pulsewidth
10
2
IAV=f(tAV):starting Tch=25C. Vcc=48V
Avalanche current IAV [A]
Single Pulse
10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
Outline Drawings (mm)
FUJI POWER MOS FET
Type(L)
Type(S)
FUJI POWER MOS FET
Type(SJ)
FUJI POWER MOS FET OUT VIEW
OUT VIEW
See Note: 1.
4
See Note: 1. Trademark Fig. 1. Fig. 1.
See Note: 1. Trademark
Trademark
Lot No.
Lot No. Type name
Lot No. Type name
Type name
PRE-SOLDER
Fig. 1. Fig. 1. CONNECTION 1 42 3 GATE DRAIN SOURCE
Solder Plating Pre-Solder Notes 1. ( ) : Reference dimensions. 2. The metal part is covered with the solder plating, part of cutting is without the solder plating. DIMENSIONS ARE IN MILLIMETERS.
CONNECTION 1 4 2 3 GATE DRAIN SOURCE
Solder Plating
CONNECTION
Pre-Solder
Notes
1
2
3
1 GATE 2 DRAIN 3 SOURCE
Note: 1. Guaranteed mark of avalanche ruggedness.
1. ( ) : Reference dimensions. 2. The metal part is covered with the solder plating, part of cutting is without the solder plating. DIMENSIONS ARE IN MILLIMETERS.
Note: 1. Guaranteed mark of avalanche ruggedness.
Note: 1. Guaranteed mark of avalanche ruggedness. DIMENSIONS ARE IN MILLIMETERS.
4


▲Up To Search▲   

 
Price & Availability of 2SK3556-01S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X